Part Number Hot Search : 
A100MD B1424 NP55N04 QY212 350N06 4A20PJ5 TA0800A HD641
Product Description
Full Text Search
 

To Download SMLJ24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL IA NT
Features
RoHS compliant* Surface Mount SMC package Standoff Voltage: 5.0 to 170 volts Power Dissipation: 3000 watts
Applications
IEC 61000-4-2 ESD (Min. Level 4) IEC 61000-4-4 EFT IEC 61000-4-5 Surge
*R oH S
CO M
SMLJ Transient Voltage Suppressor Diode Series
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AB (SMC) size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices from 0 V to Minimum Breakdown Voltage. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away.
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted)
Parameter Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2) Peak Forward Surge Current 8.3 ms Single Ha Sine Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Steady State Power Dissipation @ TL = 75 C Maximum Instantaneous Forward Voltage @ IPP = 100 A (For Unidirectional Units Only) Operating Temperature Range Storage Temperature Range 1. 2. 3. 4. 5. Symbol PPK IFSM PM(AV) VF TJ TSTG Value 3000 300 5.0
(Note 5)
Unit Watts Amps Watts Volts C C
-55 to +150 -55 to +175
Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 C per Pulse Derating Curve. Thermal Resistance Junction to Lead. 8.3 ms Single Ha-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only). Single Phase, Ha Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %. VF = 3.5 V on SMLJ5.0A through SMLJ90A and VF= 5.0 V on SMLJ100A through SMLJ170A.
How to Order
SMLJ 5.0 CA
Package SMLJ = SMC/DO-214AB Working Peak Reverse Voltage 5.0 = 5.0 VRWM (Volts) Suffix A = 5 % Tolerance Unidirectional Device CA = 5 % Tolerance Bidirectional Device
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SMLJ Transient Voltage Suppressor Diode Series
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted)
Breakdown Voltage VBR (Volts) Min.
6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00
Unidirectional Device Part Number Part Marking
Bidirectional Device Part Number Part Marking
Working Peak Reverse Voltage VRWM (Volts)
5 6 6.5 7 7.5 8 8.5 9 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
Maximum Reverse Leakage @ VRWM IR (A)
1000 1000 500 200 100 50 25 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Reverse Voltage @ IRSM
Maximum Reverse Surge Current
Max.
7.82 8.15 7.98 8.60 9.21 9.83 10.43 11.05 12.27 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 27.00 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.30 110.50 122.70 134.80 147.00 159.20 184.60 196.70 208.90
@ IT (mA)
10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VRSM (Volts) IRSM (Amps)
9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 326.00 291.30 267.90 250.00 232.60 220.60 208.40 194.80 176.40 164.80 150.60 139.40 129.40 123.00 115.40 106.60 102.80 92.60 84.40 77.20 71.20 66.00 62.00 56.20 51.60 46.40 43.20 41.20 38.80 36.40 34.40 32.00 31.00 29.20 26.60 24.80 22.80 20.80 20.60 18.60 16.80 15.60 14.40 12.40 11.60 11.00
SMLJ5.0A HDE SMLJ5.0CA IDE SMLJ6.0A HDG SMLJ6.0CA IDG SMLJ6.5A HDK SMLJ6.5CA IDK SMLJ7.0A HDM SMLJ7.0CA IDM SMLJ7.5A HDP SMLJ7.5CA IDP SMLJ8.0A HDR SMLJ8.0CA IDR SMLJ8.5A HDT SMLJ8.5CA IDT SMLJ9.0A HDV SMLJ9.0CA IDV SMLJ10A HDX SMLJ10CA IDX SMLJ11A HDZ SMLJ11CA IDZ SMLJ12A HEE SMLJ12CA IEE SMLJ13A HEG SMLJ13CA IEG SMLJ14A HEK SMLJ14CA IEK SMLJ15A HEM SMLJ15CA IEM SMLJ16A HEP SMLJ16CA IEP SMLJ17A HER SMLJ17CA IER SMLJ18A HET SMLJ18CA IET SMLJ20A HEV SMLJ20CA IEV SMLJ22A HEX SMLJ22CA IEX SMLJ24A HEZ SMLJ24CA IEZ SMLJ26A HFE SMLJ26CA IFE SMLJ28A HFG SMLJ28CA IFG SMLJ30A HFK SMLJ30CA IFK SMLJ33A HFM SMLJ33CA IFM SMLJ36A HFP SMLJ36CA IFP SMLJ40A HFR SMLJ40CA IFR SMLJ43A HFT SMLJ43CA IFT SMLJ45A HFV SMLJ45CA IFV SMLJ48A HFX SMLJ48CA IFX SMLJ51A HFZ SMLJ51CA IFZ SMLJ54A HGE SMLJ54CA IGE SMLJ58A HGG SMLJ58CA IGG SMLJ60A HGK SMLJ60CA IGK SMLJ64A HGM SMLJ64CA IGM SMLJ70A HGP SMLJ70CA IGP SMLJ75A HGR SMLJ75CA IGR SMLJ78A HGT SMLJ78CA IGT SMLJ85A HGV SMLJ85CA IGV SMLJ90A HGX SMLJ90CA IGX SMLJ100A HGZ SMLJ100CA IGZ SMLJ110A HHE SMLJ110CA IHE SMLJ120A HHG SMLJ120CA IHG SMLJ130A HHH SMLJ130CA IHH SMLJ150A HHM SMLJ150CA IHM SMLJ160A HHP SMLJ160CA IHP SMLJ170A HHR SMLJ170CA IHR Notes: 1. Suffix `A' denotes a 5 % tolerance unidirectional device. 2. Suffix `CA' denotes a 5 % tolerance bidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double. 4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave of 8.3 ms Pulse Width.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SMLJ Transient Voltage Suppressor Diode Series
Product Dimensions
A
Recommended Footprint
A
B
C
B
C
G
Dimension A (Max.)
H F E D
B (Min.) C (Min.)
Dimension A B C D E F G H
SMC (DO-214AB) 6.60 - 7.11 (0.260 - 0.280) 5.59 - 6.22 (0.220 - 0.245) 2.92 - 3.18 (0.115 - 0.125) 0.15 - 0.31 (0.006 - 0.112) 7.75 - 8.13 (0.305 - 0.320) 0.05 - 0.20 (0.002 - 0.008) 2.01 - 2.62 (0.080 - 0.103) 0.76 - 1.52 (0.030 - 0.060)
MM (INCHES)
SMC (DO-214AB) 4.69 (0.185) 3.07 (0.121) 1.52 (0.060)
MM (INCHES)
DIMENSIONS:
Physical Specifications
Case ..........................................Molded plastic per UL Class 94V-0 Polarity ..................... Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight ....................................................0.007 ounces / 0.21 grams
DIMENSIONS:
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SMLJ Transient Voltage Suppressor Diode Series
Rating & Characteristic Curves Pulse Derating Curve
100 Peak Forward Surge Current (Amps) Peak Pulse Derating in Percent of Peak Power or Current
Maximum Non-Repetitive Surge Current
300 250 200 150 100 50 0 125 150 175 200 1 2 5 10 20 50 100 Number of Cycles at 60 Hz Pulse Width 8.3 ms Single Half Sine-Wave (JEDEC Method)
75
50
25 10 x 1000 Waveform as Defined by R.E.A. 0 0 25 50 75 100 Junction Temperature (C)
Pulse Waveform
Typical Junction Capacitance
10000 TR=10 s
100 IP, Peak Pulse Current (%)
Peak value (IRSM) Half value= IRSM 2 Pulse width (TP) is defined as that point where the peak current decays to 50 % of IPSM. TA=25 C TP 10 x 1000 waveform as defined by R.E.A. Capacitance (pF) Bidirectional 1000
Unidirectional
50
100
0 0 1.0 2.0 T, Time (ms) 3.0 4.0
Measured at Zero Bias 0 0 10 100 Standoff Voltage (Volts)
TJ = 25 C 1000
Pulse Rating Curve
100 TA = 25 C Non-repetitive Pulse Waveform Shown in Pulse Waveform Graph PP, Peak Power (KW) 10
Steady State Power Derating Curve
2.0 RM(AV) Steady State Power Dissipation (W)
1.6
1.2
0.8
1.0 8.0 mm Lead Areas
0.4 60 Hz Resistive or Inductive Load 0.0 0 25 50 75 100 125 150 175 200 TL, Lead Temperature (C) Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
TP, Pulse Width
CDDFN5-0504N - TVS/Steering Diode ArraySeries SMLJ Transient Voltage Suppressor Diode
Packaging Information
The product will be dispensed in tape and reel format (see diagram below).
P 0 P 1
d
E Index Hole
T
120 F W B D2 D1 D
P Trailer
A Device
C Leader
End
....... .......
10 pitches (min.)
....... .......
....... .......
....... .......
10 pitches (min.)
W1 Start
DIMENSIONS:
MM (INCHES)
Direction of Feed
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here.
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
Symbol A B C d D D1 D2 E F P P0 P1 T W W1 --
SMC (DO-214AB) 7.22 0.10 (0.284 - 0.004) 8.11 0.10 (0.319 0.004) 2.36 0.10 (0.093 0.004) 1.55 0.05 (0.061 0.002) 330 (12.992) 50.0 MIN. (1.969) 13.0 0.20 (0.512 0.008) 1.75 0.10 (0.069 0.004) 7.50 0.05 (0.295 0.002) 4.00 0.10 (0.157 0.004) 4.00 0.10 (0.157 0.004) 2.00 0.05 (0.079 0.002) 0.30 0.10 (0.012 0.004) 16.00 0.20 (0.630 0.008) 22.4 MAX. (0.882) 3,000
04/10
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SMLJ24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X